Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ENABLE Fiches techniques, Datasheet

Description trouvée : 'ENABLE' - Totale: 968 (1/49) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
NCP584 Tri-Mode 200 mA CMOS LDO Regulator with Enable
NCS2535 Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
MC74AC377 Octal D Flip−Flop with Clock Enable

Texas Instruments
SN54HC377_07 OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE

National Semiconductor ...
LP38852 1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start

Texas Instruments
TPS22932B LOW INPUT VOLTAGE ULTRA-LOW rON LOAD SWITCH WITH CONFIGURABLE ENABLE LOGIC AND CONTROLLED SLEW-RATE

Semtech Corporation
SC1541_09 1.0A Low Dropout Voltage Regulator with Enable

Texas Instruments
SM73304 Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable

NXP Semiconductors
74AUP1Z125_11 Low-power X-tal driver with enable and internal resistor; 3-state

Arizona Microtek, Inc
AZP92_1308 PECL/ECL ÷1, ÷2 Clock Generation Chip with Selectable Enable

Texas Instruments
SN65LVDS20DRFR LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE

Global Mixed-mode Techn...
G964 1A Low Dropout Regulator with Enable

Pericom Semiconductor C...
PI3CH1010 10-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug

E-CMOS Corporation
EC49121 600mA LDO with Fast Enable And Fast Discharge Function

Recom International Pow...
RPM-1.0-EVM-1 Easy evaluation of trimming, sequencing, soft start, enable and sensing functions

NXP Semiconductors
TDA3674 Low dropout voltage/quiescent current 5 V voltage regulator with enable

Cherry Semiconductor Co...
CS5651 High Performance Dual Channel Current Mode Controller with ENABLE

Micrel Semiconductor
SY10H841L 3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE

Pericom Semiconductor C...
PI3USB14 Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3DBV10 3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable

  1 2 3 4 5 6 7 8 9 10