Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ELEMENT Fiches techniques, Datasheet

Description trouvée : 'ELEMENT' - Totale: 559 (1/28) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2908275 Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 17.5 mm wide.
2955616 Side element, tall version, for closing both ends of the base element UM-BEFE, for 60 mm wide U-shaped profile cover
2970031 Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
2956893 Side element, tall version, for closing both ends of the base element UM-BEFE, with guide grooves for vertically arranged printed circuit boards, for 60 mm wide U-shaped profile cover
2853417 Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 22.5 mm wide.
2853666 Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide, color: Black
2906364 Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2958147 Side element, for closing both ends of the base element UM-BEFE
2955593 Side element, for closing both ends of the base element UM-BEFE
2908265 Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide.
2955603 Side element, tall version, for closing both ends of the base element UM-BEFE, for 73 mm wide Ushaped profile cover

Keysight Technologies
W2346EP W2301 Circuit Envelope Element

Ohmite Mfg. Co.
60SERIES Two Terminal Metal Element Current Sense

Cooper Bussmann, Inc.
FRN-R-70 Fusetron™ FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses

Asahi Kasei Microsystem...
EW-453 EW-453 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package

Omron Electronics LLC
E3X-NA11 The Highest Level of Power and Precision in the Industry with “GIGA RAY” Giga Power Lighting Element

Ohmite Mfg. Co.
MCS1632R010FER Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD

Hamamatsu Corporation
S7978 Si photodiode array 5 × 5 element array for X-ray detector

OPTEK Technologies
OPR2101 Six Element Photodiode Array in

PerkinElmer Optoelectro...
LHI807 Single Element Detector

  1 2 3 4 5 6 7 8 9 10