Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ECL Fiches techniques, Datasheet

Description trouvée : 'ECL' - Totale: 511 (1/26) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
MC10H424_00 Quad TTL to ECL Translator with ECL Strobe
MC10E1652_06 5V, −5V ECL Dual ECL Output Comparator with Latch
MC10H424_06 Quad TTL to ECL Translator with ECL Strobe

List of Unclassifed Man...
SP8695A LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
SP8665B The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs

Connor-Winfield Corpora...
E14R8 14 PIN DIP ECL

XP Power Limited
ECL15UD01-S 530 Watts ECL Series

Nel Frequency Controls,...
PJ-B2980_10 Differential Positive ECL (DPECL) Fast Edge
HA-A870_10 Positive ECL (PECL)

Omron Electronics LLC
E32DC200E 530 Watts ECL Series

ON Semiconductor
MC10EP29_14 ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
MC100EL56 5V ECL Dual Differential 2:1 Multiplexer
MC10EP56_14 ECL Dual Differential 2:1 Multiplexer
MC100EPT25_16 -3.3V / -5V Differential ECL to +3.3V LVTTL Translator
MC100EL91 5 V Triple PECL Input to -5 V ECL Output Translator
MC10H643_16 Dual Supply ECL to TTL 1:8 Clock Driver
MC100LVE310_16 3.3 V ECL 2:8 Differential Fanout Buffer
MC100LVEP05_09 2.5V / 3.3V ECL 2-Input Differential AND/NAND
MC100LVEL14_16 3.3 V ECL 1:5 Clock Distribution Chip

Integrated Device Techn...
85311I Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer

  1 2 3 4 5 6 7 8 9 10