Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DISPLAYS Fiches techniques, Datasheet

Description trouvée : 'Displays' - Totale: 55 (1/3) Page
FabricantNo de pièceVoirDescription

Agilent(Hewlett-Packard...
HDSP-B571 Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-2301 Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDSP-340X 20 mm (0.8 inch) Seven Segment Displays
HDSP-B582 53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-AX11 Black Surface Seven Segment Displays
HDSP530X 14.2 mm (0.56 inch) Seven Segment Displays
HPDL-1414 Four Character Smart Alphanumeric Displays
HCMS-39X2 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HDSP-5301 14.2 mm (0.56 inch) Seven Segment Displays
HDSP-R881 8 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm (1.88 inch) Package
HDSP-52XE 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
HDSP-B42G 18:88 0.56 Four Digit Seven Segment Displays
HDSP-F15 10 mm (0.40 inch) Seven Segment Displays
HDSP5303 14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-2107 Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-301X 10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-S6 General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-665X FOUR CHARACTER 5 mm HERMETIC 5x7 ALPHANUMERIC DISPLAYS FOR AVIONIC APPLICATIONS
HDSP Low Current Seven Segment Displays

  1 2 3