Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'DIRECTIONAL' - Totale: 1941 (1/98) Pages
FabricantNo de pièceVoirDescription

TDK Electronics
TFSC06054125-2113A1 Thin-film Directional Coupler

Pasternack Enterprises,...
PE7216-30 30 dB Fixed Attenuator, SMA Female To N Female Directional Rated To 100 Watts Up To 6 GHz

OSRAM GmbH
GWP7LL32.EM Directional retrofits

STMicroelectronics
CPL-WB-01C2 Wide band directional coupler with ISO port

Pasternack Enterprises,...
PE7407-30 30 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7211-60 60 dB Fixed Attenuator, 7/16 DIN Male To N Female Directional Rated To 100 Watts Up To 6 GHz

Innovative Power Produc...
IPP-3139 DUAL DIRECTIONAL COUPLER

Pasternack Enterprises,...
PE7218-20 20 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz

OSRAM GmbH
GWP9LT32.EM Directional retrofits

Pasternack Enterprises,...
PE7234-40 40 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
PEWCP1019 WR-90 30 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange,E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PE7213-40 40 dB Fixed Attenuator, N Male To N Female Directional Rated To 100 Watts Up To 6 GHz

Mini-Circuits
ZUDC30-02183 Directional Coupler

Pasternack Enterprises,...
PE7333-20 20 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz

Yantel Corporation
DC2500P05 Directional Coupler

Pasternack Enterprises,...
PE7222-50 50 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz

Anaren Microwave
XC2500P-20S 20dB Directional Coupler

API Technologies Corp
C755-6 DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB

Mini-Circuits
ADC-16-4-75 Directional Coupler 75Ω 5 to 1000 MHz

SYNERGY MICROWAVE CORPO...
GC6-1 Directional coupler