Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'DIRECTIONAL' - Totale: 1941 (1/98) Pages
FabricantNo de pièceVoirDescription

Mini-Circuits
SCDC-11-2 Directional Coupler 50Ω 500 to 1100 MHz

M/A-COM Technology Solu...
MACP-008249-CH09B0_15 17dB Directional Coupler

STMicroelectronics
DCPL-WB-02D3 Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port

Pasternack Enterprises,...
PE7408-10 10 dB Fixed Attenuator, SMA Female To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7042-40 40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz

Innovative Power Produc...
IPP-3031 OUTLINE, DUAL DIRECTIONAL COUPLER

Pasternack Enterprises,...
PE7348-50 50 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Knowles Electronics
FPC06076 4 to 8GHz 20dB Directional Coupler

Pasternack Enterprises,...
PE7237-30 30 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PEWCP1024 WR-112 20 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PE7347-40 40 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Mini-Circuits
ZEDC-10-2B Directional Coupler

Pasternack Enterprises,...
PE7320-20 20 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz

Yantel Corporation
DC1900P05H Directional Coupler

Pasternack Enterprises,...
PE7224-30 30 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz

Anaren Microwave
1P510S Pico Xinger 10dB Directional Coupler

Pasternack Enterprises,...
PE7348-10 10 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Merrimac Industries, In...
CSM-10-3GSQ DIRECTIONAL COUPLER

Anaren Microwave
10930-10_14 Directional Couplers

RFHIC
CP180 Directional Coupler