Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'DIRECTIONAL' - Totale: 1941 (1/98) Pages
FabricantNo de pièceVoirDescription

Advanced Technical Mate...
137-310 BROADWALL DIRECTIONAL COUPLERS

API Technologies Corp
C752-7 DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB

M/A-COM Technology Solu...
2026 Directional Couplers, Ultra-Broadband

Pasternack Enterprises,...
PE2CP1012 Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2234-30 HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 5-11 GHz
PE7407-40 40 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7021-10 10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz

Innovative Power Produc...
IPP-3020 DUAL DIRECTIONAL COUPLER

Pasternack Enterprises,...
PE7219-3 3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE2242A-30 Directional 30 dB SMA Coupler To 3 GHz Rated to 50 Watts
PE7234-50 50 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
PEWCP1020 WR-90 10 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PE7344-3 3 dB Fixed Attenuator, 7/16 DIN Male To TNC Female Directional Rated To 50 Watts Up To 7.5 GHz

Mini-Circuits
ZDC-20-3 Directional Coupler

Pasternack Enterprises,...
PE7333-50 50 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz

Alpha Industries
DC25-73 Directional Coupler 2.30-2.60 GHz

Pasternack Enterprises,...
PE7223-20 20 dB Fixed Attenuator, 7/16 DIN Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz

SYNERGY MICROWAVE CORPO...
KBS-10-225 DIRECTIONAL COUPLER SURFACE MOUNT MODEL

Pasternack Enterprises,...
PE7345-6 6 dB Fixed Attenuator, 7/16 DIN Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Mini-Circuits
ADC-6-1R Directional Coupler 50Ω 5 to 200 MHz