Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'Directional' - Totale: 1941 (8/98) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE7407-6 6 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7019-10 10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz

Innovative Power Produc...
IPP-3007 DUAL DIRECTIONAL COUPLER

Pasternack Enterprises,...
PE7204-40 40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz

Broadcom Corporation.
DEMO-VMMK3413-42 25 - 45 GHz Directional Detector in SMT Package

Pasternack Enterprises,...
PE7229-30 30 dB Fixed Attenuator, TNC Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PEWCP1016 WR-75 30 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 10 GHz to 15 GHz
PE7201-30 30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz

Soberton Inc.
EM4015LW-38C10NF Omni Directional Back Electret Condenser Microphone

Pasternack Enterprises,...
PE7328-3 3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz

Yantel Corporation
DC1500W36 Directional Coupler

Pasternack Enterprises,...
PE7220-40 40 dB Fixed Attenuator, N Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz

Anaren Microwave
10870-10 Directional Couplers

Pasternack Enterprises,...
PE7343-50 50 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz

Merrimac Industries, In...
CYK-16R-21G DIRECTIONAL COUPLERS

Anaren Microwave
1F0627-10 Directional Couplers

American Accurate Compo...
JXWBOH-T-10-500-10 Directional Coupler

Pasternack Enterprises,...
PE2219-10 Dual Directional 10 dB SMA Coupler From 2 GHz to 4 GHz Rated To 10 Watts
PE2201-10 SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE7413-40 40 dB Fixed Attenuator, TNC Male To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

  1 2 3 4 5 6 7 8 9 10