Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'Directional' - Totale: 1941 (10/98) Page
FabricantNo de pièceVoirDescription

Innovative Power Produc...
IPP-3032 OUTLINE, DUAL DIRECTIONAL COUPLER

Pasternack Enterprises,...
PE7349-6 6 dB Fixed Attenuator, SMA Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Mini-Circuits
DBTC-75_OHMS_SERIES Surface Mount Directional Couplers

Pasternack Enterprises,...
PE7311-3 3 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7348-6 6 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Mini-Circuits
ZEDC-15-2B Directional Coupler

Pasternack Enterprises,...
PE7320-30 30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz

Yantel Corporation
DC1900P10 Directional Coupler

Pasternack Enterprises,...
PE7224-50 50 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz

Anaren Microwave
1P520 Pico Xinger 20dB Directional Coupler

Pasternack Enterprises,...
PE7349-30 30 dB Fixed Attenuator, SMA Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz

Merrimac Industries, In...
CSM-20-3GSQ DIRECTIONAL COUPLER

Anaren Microwave
DC0710J5010AHF Ultra Low Profile 0805 10dB Directional Coupler

RFHIC
CP181 Directional Coupler

Pasternack Enterprises,...
PE2222-10 Dual Directional 10 dB SMA Coupler From 7 GHz to 12.4 GHz Rated To 10 Watts
PE2209-10 SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:1.0-4.0 GHz
PE7415-3 3 dB Fixed Attenuator, TNC Female To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7314-30 30 dB Fixed Attenuator, N Male To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz

TDK Electronics
HHM2910E4 Multilayer Chip Directional Couplers

Pasternack Enterprises,...
PE7210-30 30 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 100 Watts Up To 6 GHz

  1 2 3 4 5 6 7 8 9 10