Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIFFERENTIAL Fiches techniques, Datasheet

Description trouvée : 'Differential' - Totale: 416 (1/21) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
NB4N121K 3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
MC10ELT28_06 5 V TTL to Differential PECL and Differential PECL to TTL Translator
NB6L239_06 2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
NB4L339_07 2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan−Out Buffer
NB4L339_12 2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
MC100EPT22_06 3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
NB4N111K 3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
NB6L239 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
MC10ELT28_15 TTL to Differential PECL and Differential PECL
NB6L239_13 2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
NB4N121KMNGEVB 3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
MC10ELT22 Dual TTL to Differential PECL Translator
MC10EL52_06 5V ECL Differential Data and Clock D Flip-Flop
MC100EP52 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
MC100LVEL16_06 3.3V ECL Differential Receiver
NB6L295MNGEVB 2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
MC100ELT23 Dual Differential PECL to TTL Translator
NB3L208K_17 Differential 1:8 HCSL Fanout Buffer
NB4L6254_09 2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
NB6L14S 2.5 V 1:4 AnyLevel™ Differential Input to LVDS Fanout Buffer/Translator

  1 2 3 4 5 6 7 8 9 10