Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIFFERENTIAL Fiches techniques, Datasheet

Description trouvée : 'Differential' - Totale: 3920 (3/196) Page
FabricantNo de pièceVoirDescription

Linear Technology
LTC2415-1_15 24-Bit No Latency ADCs with Differential Input and Differential Reference

Harris Corporation
HI-506A 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection

Linear Technology
LTC2431_15 20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 24-Bit No Latency ADCs with Differential Input and Differential Reference

PHOENIX CONTACT
2806045 Differential current converter for type A differential current monitor.

ON Semiconductor
MC100EPT22_06 3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
NB4N121KMNGEVB 3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output

Pericom Semiconductor C...
PI6C4911510 2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux

Intersil Corporation
HI-506A_07 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection

Texas Instruments
ADS8284 18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER

Potato Semiconductor Co...
PO100HSTL179A Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator

TDK Electronics
ACM2012E-670-2P-T00 For high-speed differential signal line, general differential signal line

ON Semiconductor
NB6L239 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider

Integrated Circuit Syst...
ICS9DB202 Two 0.7V current mode differential HCSL output pairs, 1 differential clock input

TDK Electronics
ACM2012E For high-speed differential signal line, general differential signal line

Intersil Corporation
HI-506A_04 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection

PHOENIX CONTACT
2806087 Differential current converter for type A differential current monitor.

Linear Technology
LTC2430 20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference

Leshan Radio Company
LR4890 1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors

ON Semiconductor
NB7VQ58M 1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs

  1 2 3 4 5 6 7 8 9 10