Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DUAL Fiches techniques, Datasheet

Description trouvée : 'DUAL' - Totale: 12 (1/1) Page
FabricantNo de pièceVoirDescription

Vitesse Semiconductor C...
VSC7280 Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC7142 Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC9295 340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O
VSC830 2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC7281 Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
VSC7128 Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
VSC7140 1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC9191 100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
VSC7145 Dual Speed 10-bit Serializer/Deserializer
VSC8239 9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
VSC7147 Hex PBC with Dual Repeater/Retimer
VSC8228 Dual Channel Multirate Signal Conditioner and Retimer