Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (1/54) Pages
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
MM74C906 Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers

Molex Electronics Ltd.
39-31-0087 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-29-9243 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-29-9069 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes
39-29-6168 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes
39-28-1143 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes

saftbatteries
G062 3.0 V Primary lithium-sulfur dioxide High drain capability AA- size spiral cell

Texas Instruments
LMC6772AIMMX_NOPB Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output

Molex Electronics Ltd.
0444721657 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, with Drain Holes
0039289068 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm (30μ") Gold (Au) Selective Plating, with Drain Holes
0039299186 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes

ON Semiconductor
NLX2G06 Dual Inverter, Open Drain

Texas Instruments
SN74LVC3G07_08 TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS

STMicroelectronics
STM6315_07 Open drain microprocessor reset

ON Semiconductor
MC74LCX07 Low-Voltage CMOS Hex Buffer with Open Drain Outputs

Intersil Corporation
ACS03MS Radiation Hardened Quad 2-Input NAND Gate with Open Drain

Fairchild Semiconductor
FDZ2553N Monolithic Common Drain N-Channel 2.5V Specified PowerTrench

National Semiconductor ...
54AC05 Hex Inverter with Open Drain Outputs

Inchange Semiconductor ...
2SK1650 Drain Current –ID=4A@ TC=25C
2SK1601 Drain Current –ID= 3A@ TC=25C