Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (1/54) Pages
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
MM74C906 Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers

Texas Instruments
LMC7221_14 LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output

Molex Electronics Ltd.
39-29-9203 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-29-9142 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
39-29-3126 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes

Diodes Incorporated
74HC05 HEX INVERTERS WITH OPEN DRAIN OUTPUTS

Vishay Siliconix
SI7900AEDN-T1 Dual N-Channel 20-V (D-S) MOSFET, Common Drain

Diodes Incorporated
74LVC2G06 DUAL INVERTER WITH OPEN DRAIN OUTPUTS

Molex Electronics Ltd.
0444740411 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, Blind Mating, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
0039306228 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
0039301039 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Single Row, Vertical, with Snap-in Plastic Peg PCB Lock, 3 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Plating, without Drain Holes
0050361683 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, without Drain Holes, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Compatible

Toshiba Semiconductor
TC74HC03AP_07 CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)

Fairchild Semiconductor
NC7SP05_04 TinyLogic ULP Inverter (Open Drain Output)

E-Tech Electronics LTD
MC74VHC1G09 2-Input AND Gate with Open Drain Output

Advanced Linear Devices
ALD2301A DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER

Fairchild Semiconductor
74AC05 Hex Inverter with Open Drain Outputs

STMicroelectronics
74VHCT05A HEX INVERTER (OPEN DRAIN)

Supertex, Inc
HV5623 32-Channel Serial To Parallel Converter With Open Drain Outputs

Inchange Semiconductor ...
2SK1554 Drain Current –ID=3A@ TC=25C