Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (1/54) Pages
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
MM74C906 Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers

Toshiba Semiconductor
TC74VHC05F_07 Hex Inverter (open drain)
TC74LCX07FT Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)

Texas Instruments
SN74LVC3G07 TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS

Fairchild Semiconductor
NC7SV38 TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)

ON Semiconductor
MC74VHC1G07 Noninverting Buffer with Open Drain Output

Inchange Semiconductor ...
2SK1677 Drain Current –ID=16A@ TC=25C
2SK1609 Drain Current –ID=8A@ TC=25C
2SK1451 Drain Current –ID=8A@ TC=25C
2SK751 Drain Current –ID= 10A@ TC=25C
2SK631 Drain Current –ID=10A@ TC=25C

Vincotech
V23990-P622-F74-D1-14 Drain to source voltage

Molex Electronics Ltd.
39-30-6207 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
39-30-6085 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
39-29-9146 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-3206 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
39-28-9188 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, with Drain Holes
15-97-7083 Mini-Fit® TPA Header, 4.20mm Pitch, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, Tin (Sn) Plating, without Drain Holes

ACE Technology Co., LTD...
ACE8212B Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD

Toshiba Semiconductor
TC74LCX07F_12 Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)