Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (1/54) Pages
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
MM74C906 Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers

STMicroelectronics
74LX1G07 SINGLE BUFFER/DRIVER (OPEN DRAIN)

ON Semiconductor
MC74VHC1G01 2-Input NAND Gate with Open Drain Output

Supertex, Inc
HV5523 32-Channel Serial To Parallel Converter With Open Drain Outputs

Inchange Semiconductor ...
2SK1674 Drain Current –ID=24A@ TC=25C
2SK1606 Drain Current –ID=8A@ TC=25C
2SK996 Drain Current –ID=4A@ TC=25C
2SK1017 Drain Current –ID=20A@ TC=25C
2SK843 Drain Current –ID=10A@ TC=25C

Renesas Technology Corp
HD74ALVC1G06_15 Single Inverter Buffer / Driver with Open Drain

Molex Electronics Ltd.
30069-1211 4.20mm Pitch, Mini-Fit® TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 12 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
39-31-0088 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-29-9142 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
39-29-9082 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes

Inchange Semiconductor ...
2SK934 Drain Current –ID=8A@ TC=25C
2SK684 Drain Current –ID=7A@ TC=25C
2N10L Drain Current ID= 2A@ TC=25C

Molex Electronics Ltd.
39-31-0107 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-30-6142 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
39-30-2051 Mini-Fit® Jr. Header, Vertical, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, 0.76μm Gold (Au) Plating, without Drain Holes