Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (1/54) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
Fairchild Semiconductor
MM74C906 Datasheet pdf image Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
Company Logo Img
ON Semiconductor
NL27WZ07 Datasheet pdf image Dual Buffer with Open Drain Outputs
Company Logo Img
Supertex, Inc
HV5122 Datasheet pdf image 32-Channel Serial To Parallel Converter With Open Drain Outputs
Company Logo Img
STMicroelectronics
74V1G03 Datasheet pdf image SINGLE 2-INPUT OPEN DRAIN NAND GATE
Company Logo Img
Inchange Semiconductor ...
2SK1692 Datasheet pdf image Drain Current –ID=7A@ TC=25C
2SK1629 Datasheet pdf image Drain Current –ID=30A@ TC=25C
2SK1459 Datasheet pdf image Drain Current –ID=2.5A@ TC=25C
2SK1082 Datasheet pdf image Drain Current –ID=6A@ TC=25C
2SK858 Datasheet pdf image Drain Current –ID=2A@ TC=25C
Company Logo Img
List of Unclassifed Man...
5400FE Datasheet pdf image 20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil® shield tape (foil side out) with drain wire
Company Logo Img
Fairchild Semiconductor
FDPC4044 Datasheet pdf image Common Drain N-Channel PowerTrench MOSFET
Company Logo Img
Molex Electronics Ltd.
39-31-0167 Datasheet pdf image Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-30-2032 Datasheet pdf image Mini-Fit® Jr. Header, Single Row, Vertical, with Snap-in Plastic Peg PCBLock, 3 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes
39-29-9104 Datasheet pdf image Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-29-9044 Datasheet pdf image Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, with Drain Holes
39-28-8100 Datasheet pdf image Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
15-97-7105 Datasheet pdf image Mini-Fit® TPA Header, 4.20mm Pitch, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, Gold (Au) Plating, without Drain Holes
Company Logo Img
Texas Instruments
TLV3401_13 Datasheet pdf image FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
Company Logo Img
Inchange Semiconductor ...
2SK683 Datasheet pdf image Drain Current –ID=12A@ TC=25C
Company Logo Img
Molex Electronics Ltd.
30069-1611 Datasheet pdf image 4.20mm Pitch, Mini-Fit® TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 16 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes