Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (7/54) Page
FabricantNo de pièceVoirDescription

Inchange Semiconductor ...
2SK1488 Drain Current –ID=10A@ TC=25C
2SK988 Drain Current –ID=10A@ TC=25C
2SK745 Drain Current –ID=20A@ TC=25C
2N90 Drain Current ID= 2A@ TC=25C

Renesas Technology Corp
HD74ALVC1G07_15 Single Buffer / Driver with Open Drain

Molex Electronics Ltd.
39-30-6185 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
39-30-6065 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
39-29-9129 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes
39-29-3106 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
39-28-9108 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, with Drain Holes
15-97-7063 Mini-Fit® TPA Header, 4.20mm Pitch, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, Gold (Au) Plating, without Drain Holes

Fairchild Semiconductor
MM74HCT05_08 MM74HCT05 Hex Inverter (Open Drain)

Diodes Incorporated
74LVC1G07 SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT

Molex Electronics Ltd.
0444722053 4.20mm Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-0, with Drain Holes

Inchange Semiconductor ...
2SK1678 Drain Current –ID=16A@ TC=25C
2SK1517 Drain Current –ID=20A@ TC=25C
2SK1143 Drain Current –ID=2A@ TC=25C
2SK1039 Drain Current –ID=8A@ TC=25C
2SK632 Drain Current –ID=5A@ TC=25C

NXP Semiconductors
74HC_HCT9115_CNV_15 Nine wide Schmitt trigger buffer; open drain outputs

  1 2 3 4 5 6 7 8 9 10