Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (4/54) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
MC74VHC1G05 Inverterwith Open Drain Output

Texas Instruments
TLV2302_14 FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS

Inchange Semiconductor ...
2SK1569 Drain Current –ID=8A@ TC=25C
2SK1515 Drain Current –ID=10A@ TC=25C
2SK1018 Drain Current –ID=18A@ TC=25C
2SK750 Drain Current –ID= 10A@ TC=25C
6N65 Drain Current ID= 6.2A@ TC=25C

Molex Electronics Ltd.
50-34-8559 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock without Drain Holes, 6 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating
0444722252 4.20mm Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6 94V-2, with Drain Holes
0039306228 4.20mm Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
0015246181 4.20mm Pitch Mini-Fit BMI™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Plating, without Drain Holes

Leshan Radio Company
L74VHC1GT01 2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs

Toshiba Semiconductor
TC74HC03AP_07 CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)

Fairchild Semiconductor
FDMC3300NZA Monolithic Common Drain N-Channel 2.5V Specified PowerTrench

STMicroelectronics
74LX1G03 SINGLE 2-INPUT OPEN DRAIN NAND GATE

Advanced Linear Devices
ALD2301A DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER

NXP Semiconductors
74HC9115 Nine wide Schmitt trigger buffer; open drain outputs

ON Semiconductor
NL17SZ07_15 Single Non-Inverting Buffer with Open Drain Output

Silicon Touch Technolog...
PS257 Fault-protection output with open drain output stage

Inchange Semiconductor ...
2SK1520 Drain Current –ID=30A@ TC=25C

  1 2 3 4 5 6 7 8 9 10