Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (11/54) Pages
FabricantNo de pièceVoirDescription

Renesas Technology Corp
HD74LV1GW07A_15 Dual Buffer Open Drain

Toshiba Semiconductor
TC7SZ05F INVERTER (OPEN DRAIN)

ON Semiconductor
MC74VHC1G01_16 Single 2-Input NAND Gate with Open Drain Output

Texas Instruments
SM72375_16 SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output

Inchange Semiconductor ...
2SK1548 Drain Current –ID=3.5A@ TC=25C
2SK1323 Drain Current –ID= 2A@ TC=25C
2SK1039 Drain Current –ID=8A@ TC=25C
2SK632 Drain Current –ID=5A@ TC=25C
2SK617 Drain Source Voltage-: VDSS= 800V(Min)

Supertex, Inc
HV4522PJ-G 32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs

Molex Electronics Ltd.
39-30-6087 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
39-29-9249 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes
39-29-9086 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-28-9208 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, with Drain Hoels
39-28-1243 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
15-97-7164 Mini-Fit® TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 16 Circuits, Gold (Au) Plating, without Drain Holes

Microchip Technology
MCP130T-315ITT Microcontroller Supervisory Circuit with Open Drain Output

Fairchild Semiconductor
74AUP1G96 TinyLogic® Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)

Molex Electronics Ltd.
0444720250 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
39-30-6105 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes

< Prev 11 12 13 14 15 16 17 18 19 20 Next >


< Prev 11 12 13 14 15 Next >