Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DRAIN Fiches techniques, Datasheet

Description trouvée : 'DRAIN' - Totale: 1068 (10/54) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
74LX1G05 SINGLE INVERTER OPEN DRAIN

ON Semiconductor
NL17SZ06 Single Inverter with Open Drain Outputs

Supertex, Inc
HV4530 32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs

NXP Semiconductors
74HCT7273 Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs

Molex Electronics Ltd.
0039301049 4.20mm Pitch Mini-Fit Jr.™ Header, Single Row, Vertical, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Plating, without Drain Holes
0039299027 4.20mm Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
0015977063 4.20mm (.165) Pitch Mini-Fit TPA™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, Gold (Au) Plating, without Drain Holes

STMicroelectronics
M54HC03_04 RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE

ON Semiconductor
NL27WZ07_07 Dual Buffer with Open Drain Outputs

Supertex, Inc
HV4937 64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs

STMicroelectronics
74LX1G07 SINGLE BUFFER/DRIVER (OPEN DRAIN)

Supertex, Inc
HV57009 64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current

STMicroelectronics
74V1G07 SINGLE BUFFER OPEN DRAIN

Inchange Semiconductor ...
2SK1701 Drain Current –ID= 8A@ TC=25C
2SK1631 Drain Current –ID= 3A@ TC=25C
2SK1461 Drain Current –ID=5A@ TC=25C
2SK1319 Drain Current –ID= 8A@ TC=25C
2SK843 Drain Current –ID=10A@ TC=25C
2SK528 Drain Current –ID=2A@ TC=25C

ON Semiconductor
NL17SG07 Buffer with Open Drain Output

  1 2 3 4 5 6 7 8 9 10