Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DOWN Fiches techniques, Datasheet

Description trouvée : 'DOWN' - Totale: 1238 (1/62) Page
FabricantNo de pièceVoirDescription

United Monolithic Semic...
CHR3694-QDG 37-40GHz Integrated Down converter 37-40GHz Integrated Down converter

Fairchild Semiconductor
MM74HC4049 Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter

Tyco Electronics
6-104362-1 HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN

Texas Instruments
TPS54218 2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)

National Semiconductor ...
MKT-U323A PIN GRID ARRAY CERAMIC, CAVITY DOWN, 323 PIN

Monolithic Power System...
MP2188 Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge

Texas Instruments
TPA3250 130W peak PurePath Ultra-HD Pad Down Class-D Amplifier

Sanken electric
BR300 5 V, 1 A Non-Isolated Step Down DC/DC Converter Module

Maxim Integrated Produc...
MAX3222E_10 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers

Torex Semiconductor
XC9303_1 High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs

Sony Corporation
CXA3068N L-band Down Converter for Satellite Tuner

Alliance Semiconductor ...
AS4C64M32MD2-25BCN Deep Power Down Mode

Texas Instruments
TPS62270_15 2.25 MHz 400-mA Step Down Converter With Selectable VOUT

United Monolithic Semic...
CHR2391_11 12-16GHz Integrated Down Converter

SUYIN USA, INC.
101110FTAG0M434ZA RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER

Monolithic Power System...
EV0007 2A MP1580 Step Down Switch Mode Converter

Texas Instruments
TLV1504 2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TPS54560_17 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode

United Monolithic Semic...
CHR3894-QEG_15 37-40GHz Integrated Down Converter

Texas Instruments
TPS54260QDGQRQ1 3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE

  1 2 3 4 5 6 7 8 9 10