Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DISPLAY Fiches techniques, Datasheet

Description trouvée : 'DISPLAY' - Totale: 61 (1/4) Page
FabricantNo de pièceVoirDescription

AVAGO TECHNOLOGIES LIMI...
HDSM-531X 0.56” (14.22mm) Single digit surface mount LED display
HDSM-441B 0.39inch (10.0mm) Dual digit surface mount LED display
HDSP-G01X 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-C3X1 0.36” Single Digit PCB Based LED Display
HCMS-235X CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HDSP-H1X1 1.0 Single Digit PCB Based LED Display
ADSP-H1E1 1.0” Single Digit PCB Based LED Display
ADSP-H3E1 0.36” Single Digit PCB Based LED Display
HDSP-C5E1 0.52 Single Digit PCB Based LED Display Available in CA and CC
HDSP-A4XC Alphanumeric Display, (13.7 mm) 4 Character As AlInGaP Red
HDSM-431B 0.39inch (10.0mm) Single digit surface mount LED display
HDSP-C1E1 1.0 Single Digit PCB Based LED Display
HCMS-2919 High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HDSM-541C The HDSM-541x/543x is a dual digit display of 0.56” (14.22mm) height. This device utilizes AlInGaP / GaAs chips and has a grey top surface with white segments.
HDSP-C8E1 0.8 Single Digit PCB Based LED Display
HCMS-2819 High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
ADSP-H5E1 0.52” Single Digit PCB Based LED Display
HEDS-9700 0.36 Single Digit PCB Based LED Display
HDSP-C2X1 2.3” Single Digit PCB Based LED Display
HDSP-G01E_12 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display

  1 2 3 4