Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIODE Fiches techniques, Datasheet

Description trouvée : 'DIODE' - Totale: 119 (1/6) Page
FabricantNo de pièceVoirDescription

Yea Shin Technology Co....
BAS19W SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
1N4148WFL 400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
BAS21A-A Switching Diode
YSDAXX02M3 UNIDIRECTIONAL TVS DIODE ARRAY
BAV21WSFL-A 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
YSDA0501CT BIDIRECTIONAL TVS DIODE
YSCLAMP0524P Ultra Low Capacitance TVS Diode Array
BAV21WSFL 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
YSOT05C TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSBLC03C LOW CAPACITANCE TVS DIODE ARRAY
RB521G-30 Schottky barrier diode
BAT54T Schottky Barrier Diode
1N4448M 400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
BAS40 SCHOTTKY BARRIER DIODE
YSESDA0502CT3 BIDIRECTIONAL TVS DIODE ARRAY
BAV20WSFL-A 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
YSMSXX TVS/ESD DIODE ARRAY

  1 2 3 4 5 6