Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DIN Fiches techniques, Datasheet

Description trouvée : 'DIN' - Totale: 2660 (1/133) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE7420-40 40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE91029 Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE39802-240 7/16 DIN Male to 7/16 DIN Male Low PIM Cable 240 Inch Length Using 1/2 inch Flexible Coax, RoHS
PE3C2003-200CM 7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE3205LF-12 7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using RG393 Coax
PE37972-72 7/16 DIN Male to 7/16 DIN Female Cable 72 Inch Length Using 1/2 inch Helical Coax, RoHS
PE91229 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE9410 7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE7313-10 10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7380-50 50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Rated To 25 Watts Up To 6 GHz
PE7201-60 60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz

FCI connector
8609XXX83X4XX5 DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)

Pasternack Enterprises,...
PE7203-30 30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE91243 7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated

Molex Electronics Ltd.
0731740042 50 Ohms, DIN 1.0/2.3 / DIN 41626, Right-Angle, Jack, Bag

Pasternack Enterprises,...
PE3205 7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax
PE7039-3_16 3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Brass Tri-Metal Body
PE7380-3 3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE91195 4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE37961 CABLE ASSEMBLY PE-C240 7/16 DIN MALE TO 7/16 DIN FEMALE

  1 2 3 4 5 6 7 8 9 10