Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DC MAX. Fiches techniques, Datasheet

Description trouvée : 'DC MAX. ' - Totale: 172 (1/9) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
PHOENIX CONTACT
2701040 Datasheet pdf image I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...+10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
2702071 Datasheet pdf image Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2836340 Datasheet pdf image Inline positioning terminal, without accessories, 1 absolute encoder input, 4 digital inputs 24 V DC, 4 digital outputs 24 V DC, 500 mA, 3- wire connection method
2703981 Datasheet pdf image Modbus/TCP(UDP) bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
7649 Datasheet pdf image PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
Company Logo Img
Galaxy Power, Inc.
GHPW5V020 Datasheet pdf image Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Company Logo Img
PHOENIX CONTACT
2702106 Datasheet pdf image Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2703994 Datasheet pdf image PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2742586 Datasheet pdf image INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
Company Logo Img
Galaxy Power, Inc.
GMDW8V08R Datasheet pdf image DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
Company Logo Img
PHOENIX CONTACT
2702131 Datasheet pdf image EtherNet/IP™ bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
Company Logo Img
Galaxy Power, Inc.
GPDW5V015R Datasheet pdf image DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Company Logo Img
PHOENIX CONTACT
2897758 Datasheet pdf image Inline bus coupler for EtherNet/IP™, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA
2832962 Datasheet pdf image Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method
2701388 Datasheet pdf image Modbus/TCP(UDP) bus coupler, version for extreme conditions, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA
2741668 Datasheet pdf image Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, 3 digital outputs, 24 V DC, COMBICON plugs included
ST-REL3-SG60 Datasheet pdf image Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
2700137 Datasheet pdf image Siren element, pulse tone, 24 V DC, self-regulating volume, max. 100 dB(A)
2750646 Datasheet pdf image INTERBUS-ST digital output module, 16 outputs, 24 V DC, 500 mA, 3-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
PLC-OPIT-24DC Datasheet pdf image PLC interface, consisting of PLC-BPIT basic terminal block with Push-In connection and pluggable miniature optocoupler, for assembly on DIN rail NS 35/7.5, input: 24 V DC, output: 3-48 V DC/100 mA

1 2 3 4 5 6 7 8 9 Next