Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DC Fiches techniques, Datasheet

Description trouvée : 'DC' - Totale: 171 (1/9) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2701040 I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...+10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
2836340 Inline positioning terminal, without accessories, 1 absolute encoder input, 4 digital inputs 24 V DC, 4 digital outputs 24 V DC, 500 mA, 3- wire connection method
7649 PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2702106 Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2742586 INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2702131 EtherNet/IP™ bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2703981 Modbus/TCP(UDP) bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2897758 Inline bus coupler for EtherNet/IP™, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA

Galaxy Power, Inc.
GHPW5V020 Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output

PHOENIX CONTACT
2832962 Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method
2703994 PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2701388 Modbus/TCP(UDP) bus coupler, version for extreme conditions, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA

Galaxy Power, Inc.
GMDW8V08R DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output

PHOENIX CONTACT
2741668 Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, 3 digital outputs, 24 V DC, COMBICON plugs included

Galaxy Power, Inc.
GPDW5V015R DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output

PHOENIX CONTACT
2702071 Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
ST-REL4-HG110 Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 2 N/ O contacts, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
PLC-OPIT-120UC PLC interface, consisting of PLC-BPIT basic terminal block with Push- In connection and pluggable miniature optocoupler, for assembly on DIN rail NS 35/7.5, input: 120 V AC/ 110 V DC, output: 3-48 V DC/100 mA
ST-REL7-SG60 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 4 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG-B24 Relay connector, equipped with remanence miniature switching relays, contacts (AgAu): small to large loads, 1 PDT, input voltage 24 V DC, with polarity protection and damping diode, minus switching

  1 2 3 4 5 6 7 8 9