Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DBM Fiches techniques, Datasheet

Description trouvée : 'DBM' - Totale: 364 (1/19) Pages
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE15A1008 23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
PE15A1018 34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3269 3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA

Mini-Circuits
PWR-6G USB Power Sensor 50Ω -30 dBm to +20 dBm, 1 to 6000 MHz

Pasternack Enterprises,...
PE1528 11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A1017 35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA

AVAGO TECHNOLOGIES LIMI...
MGA-82563 0.1– 6 GHz 3 V, 17 dBm Amplifier

Toshiba Semiconductor
TIM1414-2-252 HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz

Mini-Circuits
TUF-R3SM High Reliability Mixer Level 7 (LO Power +7 dBm) 0.25 to 400 MHz

Transcom, Inc.
TM007-013-20-18 700 - 1300 MHz 18 dBm Module

Peregrine Semiconductor...
PE42693 SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, +68 dBm IIP3

TriQuint Semiconductor
TGA2503-SM 32 dBm Ku-Band Amplifier

Mimix Broadband
CFH2162-P1 800 to 900 MHz +36 dBm Power GaAs FET

Pasternack Enterprises,...
PE8017 SMA PIN-PIN Limiter, 100 Watts Peak Power, 20 dBm Flat Leakage, 500 MHz to 1,000 MHz
PE15A3015 P1dB 24 dBm min

ANADIGICS, Inc
AWU6605 HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module

Transcom, Inc.
TA100-160-32-20 10 - 16GHz 20 dBm Amplifier

Pasternack Enterprises,...
PE15A6007 Amplifier, -40 to 10 dBm Pin, SMA

Transcom, Inc.
TA060-180-30-28 6 - 18 GHz 28 dBm Amplifier

Mini-Circuits
ADE-R5LH High Reliability Mixer Level 10 (LO Power +10 dBm) 10 to 1500 MHz