Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



DBM Fiches techniques, Datasheet

Description trouvée : 'DBM' - Totale: 364 (1/19) Pages
FabricantNo de pièceVoirDescription

Mini-Circuits
PWR-6G USB Power Sensor 50Ω -30 dBm to +20 dBm, 1 to 6000 MHz

Pasternack Enterprises,...
PE1528 11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A1017 35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A1008 23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
PE15A1018 34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3269 3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
PE8036 SMA PIN-Schottky Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 7 GHz to 12 GHz
PE15A5037F 44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A3263 15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE71S2009 SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE15A4005 Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA

ANADIGICS, Inc
AWT6331 ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module

Advanced Photonix, Inc.
PT-15SFA A -16 dBm sensitivity, differential-output receiver module

Agilent(Hewlett-Packard...
MGA-81563 0.1- 6 GHz 3 V, 14 dBm Amplifier

Pasternack Enterprises,...
PE15A5034F 2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA

Skyworks Solutions Inc.
SKY66109_11 Integrated PA with up to plus 22.5 dBm output power

Pasternack Enterprises,...
PE15A3507 High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA

Mini-Circuits
ZX05-1 Level 7 (LO Power +7 dBm) 0.5 to 500 MHz

Pasternack Enterprises,...
PE85N1012 SMA Amplified Noise Source Module, Output Pout of 0 dBm, +15 VDC, 10 MHz to 3 GHz
PE85N1013 SMA Amplified Noise Source Module, Output Pout of -14 dBm, +15 VDC, 10 MHz to 6 GHz