Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DBI Fiches techniques, Datasheet

Description trouvée : 'DBI' - Totale: 120 (1/6) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE51172 Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Typical 8 dBi Gain N Female Input Connector IP67 Rated
PE51162 Whip Antenna Operates From 470 MHz to 512 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated

Honeywell Solid State E...
WAN10RSP 5.0 dBi ANTENNA

Pasternack Enterprises,...
PE51121 High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51173 Antenna Operates From 1.7 GHz to 2.5 GHz with a Maximum 2 dBi Gain TNC Male Input Connector Rated
PE51163 Whip Antenna Operates From 760 MHz to 870 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51045 Vertical Omni Antenna 5800 MHz, 21 dBi
PE51048 WiMax Panel Antenna 3500 MHz, 20 dBi

PHOENIX CONTACT
RAD-ISM-900-ANT-YAGI-3-N Panel antenna, IP65 protection, gain 5 dBi, cable length 1.5 m, connection N (female)

Pasternack Enterprises,...
PE51164 Whip Antenna Operates From 880 MHz to 960 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51158 Dome Multi Band Antenna Operates From 698 MHz to 2.7 GHz With a Maximum 5 dBi Gain N Female Input Connector
PE51049 WiMax Panel Antenna 2400-2500 MHz, 19 dBi

PHOENIX CONTACT
RAD-ISM-2400-ANT-PAN-8-0 Panel antenna, degree of protection IP55, 8 dBi gain, linear vertical, SMA (female), impedance 50 ohms, apex angle h/v 75°/70°

Pasternack Enterprises,...
PE51165 Whip Antenna Operates From 880 MHz to 960 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51156 Whip Antenna Operates From 806 MHz to 880 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51055 Duck/Whip Antenna 900-960 MHz, 3 dBi

PHOENIX CONTACT
RAD-ISM-2400-ANT-PAR-19-0 Parabolic antenna, IP65 degree of protection, 19 dBi gain, linear vertical, N (female) connection, impedance 50 Ω, apex angle h/v 17°/11°

List of Unclassifed Man...
OMB891203F21 3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
HG2458CU-NF HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU

Pasternack Enterprises,...
PE51056 Rubber Duck Antenna 900-960 MHz, 1 dBi

  1 2 3 4 5 6