Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DAMAGE Fiches techniques, Datasheet

Description trouvée : 'DAMAGE' - Totale: 23 (1/2) Page
FabricantNo de pièceVoirDescription

SynQor Worldwide Headqu...
PQ60120QZB33 Protection from permanent damage and hazardous conditions

PHOENIX CONTACT
CRIMPFOX-CENTRUS-6S Sturdy plastic guard over the head of the pliers protects the tool against damage caused by dropping

Comchip Technology
Z4GP206L-HF Lead less chip form, no lead damage, Low power loss, High efficiency

Hitachi Semiconductor
HD64F3437TF16 12 V must not be applied to the S-mask model (single-power-supply specification), as this may permanently damage the device.

Laird Tech Smart Techno...
FG8960 Special UV protection coating resist sun damage

Nel Frequency Controls,...
SJ-A370_10 of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
HA-1450_10 All units are designed to survive wave soldering operations without damage

Molex Electronics Ltd.
44242-0001 Micro-Fit 3.0™ Test Plugs Won’t Damage Mating Contact

Vishay Siliconix
657 Fully sealed for high immunity to environmental damage

Nel Frequency Controls,...
SJ-A460 of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
HS-A1420_10 offering RFI shielding, and are designed to survive standard wave soldering operations without damage

Cooper Bussmann, Inc.
0402ESDA-MLP8 The PolySurg™ 0402ESDA-MLP ESD Suppressors protect valuable high-speed data circuits from ESD damage without distorting data signals as a result of its ultra-low (0.05pF typical) capacitance.

Littelfuse
AF0500 The AF0500 is a microprocessor-based arc-flash relay that limits arc-fault damage by detecting the light from an arc flash and rapidly tripping the feeder breaker

HB Electronic Component...
RGB-CONTROLLER-101 Damage caused by misuse

Nel Frequency Controls,...
SJ-160_10 of quartz crystal oscillators are designed to survive standard wave soldering operations without damage

NXP Semiconductors
PESD1CAN215 PESD1CAN in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package designed to protect two automotive Controller Area Network (CAN) bus lines from the damage caused by ElectroStatic Discharge (ESD) and other transients.
PESD24VS1UA115 Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package designed to protect one signal line from the damage caused by ESD and other transients.

Littelfuse
AQ24CANFD The AQ24CANFD is designed to protect automotive Controller Area Network (CAN) lines from damage due to electrostatic discharge (ESD), electrical fast transient (EFT), and other overvoltage transients

SynQor Worldwide Headqu...
PQ60012EML15 Active back bias limit prevents damage to converter from external load induced pre-bias
PQ60025EGL25 Protection from permanent damage and hazardous conditions

  1 2