Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

DAC Fiches techniques, Datasheet

Description trouvée : 'DAC' - Totale: 1463 (1/74) Page
FabricantNo de pièceVoirDescription

Micronas
DAC3550A DAC 3550A STEREO AUDIO DAC

Maxim Integrated Produc...
MAX5868EVKIT Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,

Analog Devices
AD7541AKRZ CMOS 12-Bit Monolithic Multiplying DAC
AD5744R Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC

Wolfson Microelectronic...
WM2617 Dual 10-Bit Serial DAC with Power Down

List of Unclassifed Man...
AK4413EQP High Performance 120dB 24-Bit 4ch DAC

Samsung semiconductor
AL1213A 8-BIT 0.5MSPS DAC

Advanced Micro Devices
AM27C128 112dB 192kHz 24-BIT SCH DAC

Linear Technology
LTC1657L_15 Parallel 16-Bit Rail-to-Rail Micropower DAC

Asahi Kasei Microsystem...
AK4393_12 Advanced Multi-Bit 96kHz 24-Bit ΔΣ DAC

Zarlink Semiconductor I...
VP101 30/50MHz 8-BIT CMOS VIDEO DAC

Texas Instruments
DAC38RF86 Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL

Analog Devices
AD7228KN LC2MOS Octal 8-Bit DAC
AD5532B 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode

New Japan Radio
NJU39610 MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC

Monolithic Power System...
MP2932 6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11

Asahi Kasei Microsystem...
AKD4340-SB 192kHz sampling 24Bit ΔΣ DAC

Analog Devices
DAC8512_15 5 V, Serial Input Complete 12-Bit DAC
AD5755 Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control

List of Unclassifed Man...
TDA1540 14-Bit DAC (Serial Output)

  1 2 3 4 5 6 7 8 9 10