Moteur de recherche de fiches techniques de composants électroniques |
|
|
D7, Fiches technique, PDF |
Mot-clé recherché : 'D7,' - Totale: 11 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
1416406 |
58Kb/2P |
Housing - HC-D7-SML-26/O1STPG11 |
1586277 |
79Kb/5P |
Contact insert - HC-HS 2-D7-ESTS | |
1586264 |
79Kb/5P |
Contact insert - HC-HS 2-D7-EBUS | |
1416405 |
57Kb/2P |
Housing - HC-D7-SML-57/O1STPG11/PA | |
STMicroelectronics |
STG50M120F3D7 |
243Kb/10P |
Trench gate field-stop 1200 V, 50 A low-loss M series IGBT die in D7 packing Rev 2 - August 2022 |
STG25H120F2D7 |
252Kb/10P |
1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing May 2015 Rev 1 |
|
STG60H65FBD7 |
428Kb/10P |
Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing Rev 3 - July 2023 |
|
STG35M120F3D7 |
184Kb/9P |
1200 V, 35 A, trench gate field-stop, M series, low-loss IGBT die in D7 packing DS12463 - Rev 1 - February 2018 |
|
STG15M120F3D7 |
263Kb/10P |
Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing Rev 3 - August 2022 |
|
PHOENIX CONTACT |
1585281 |
77Kb/3P |
Contact insert, number of positions: 4+PE, size: D7, number of connections per position: 1, Socket, Push-in connection, 230 V, 10 A, 0.14 mm짼 ... 1.5 mm짼 |
1585278 |
78Kb/3P |
Contact insert, number of positions: 4+PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm짼 ... 1.5 mm짼 |