Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

D2PAK Fiches techniques, Datasheet

Description trouvée : 'D2PAK' - Totale: 372 (1/19) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
NTP75N03-06 Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK

Pan Jit International I...
SB820_16 D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER

STMicroelectronics
STP21N90K5 N-channel 900 V, 0.25 Ω typ., 18.5 A Zener-protected SuperMESH™ 5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
STW24NM65N N-channel 650 V - 0.16 Ω - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh™ Power MOSFET
STGB10NB40LZ N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT

NXP Semiconductors
PSMN7R6-60BS_15 N-channel 60 V 7.8 m standard level MOSFET in D2PAK

STMicroelectronics
STF42N65M5 N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB14NM65N N-channel 650 V, 0.33 Ω, 12 A MDmesh™ II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247

ON Semiconductor
NTP60N06 60 V, 60 A, N-Channel TO-220 and D2PAK

NXP Semiconductors
PSMN012-80BS_15 N-channel 80 V 11 mΩ standard level MOSFET in D2PAK

STMicroelectronics
STB45NF06T4 N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB7N52K3 N-channel 525 V, 0.84 Ω, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3™ Power MOSFET

Transys Electronics
SB1620DC D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

NXP Semiconductors
PSMN3R8-100BS_15 N-channel 100 V 3.9 m standard level MOSFET in D2PAK

STMicroelectronics
STP24N60M2 N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus™ low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STP200N4F3 N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™ Power MOSFET
STGB20NB37LZ N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT

NXP Semiconductors
PSMN1R7-60BS_15 N-channel 60 V 2 m standard level MOSFET in D2PAK

ON Semiconductor
NGB8207AN_11 Ignition IGBT 20 A, 365 V, N.Channel D2PAK

STMicroelectronics
STB50NF25 N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET™ Power MOSFET

  1 2 3 4 5 6 7 8 9 10