Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CURRENT Fiches techniques, Datasheet

Description trouvée : 'CURRENT' - Totale: 17632 (1/882) Pages
FabricantNo de pièceVoirDescription

Token Electronics Indus...
OAR1R01JP Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors

Texas Instruments
LMP91000 Cell Conditioning Current up to 10 mA, Supply Current (Average Over Time) <10 μA, Output Drive Current 750μA

Allegro MicroSystems
ACS714_13 Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor

PHOENIX CONTACT
2806087 Differential current converter for type A differential current monitor.

Total Power Internation...
PBA-600F 40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3 sec. to re-start)

Pan Jit International I...
GL1500 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)

Linear Technology
LTC3216 1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control

Broadcom Corporation.
ACHS-7121 Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor

CUI INC
VSUU-120-D input surge current, over voltage, over load, and over current protections

Delta Electronics, Inc.
PJB-24V150WXXA Low Inrush Current / Low Leakage Current

Littelfuse
08070000 In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches

Allegro MicroSystems
ACS759 The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.

Shenzhen Tianyuan Semic...
TP8023N Average Current Type LED Buck Constant Current Driver

Texas Instruments
PTH05000WAD Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current

Lineage Power Corporati...
ATH025A0X3 4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current

Allegro MicroSystems
ACS704ELC-005 Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor

Vishay Siliconix
FX4040G7XX Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3

Allegro MicroSystems
ACS758_16 Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 μΩ Current Conductor

Pan Jit International I...
CM5000 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)

Siemens Semiconductor G...
BDP948 PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)