Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONVERTER Fiches techniques, Datasheet

Description trouvée : 'Converter' - Totale: 234 (1/12) Page
FabricantNo de pièceVoirDescription

Wall Industries,Inc.
JFC12S33-4000 Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANF_18 Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
SPW48S24-100 100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package
SU33S33 1 Watt DC/DC Converter Single Output
AM505-200N This economically priced converter is perfect for low power applications
LANC483.3W12 DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
DCPDL09 Up to 9 Watts DC DC Converter Single and Dual Outputs
LANF Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSD-150 150 Watt Single Output Chassis Mount DC/DC Converter
LANCW5 Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
LV12S28-150 Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package
MDHU100 4000VAC I/O Isolation Single and Dual Outputs 2 Watt Medical DC/DC Converter
MPQ48S1.8-36R 36 W DC-DC Converter
LANC125.1W12 DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANEW_16 2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANK10W 2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JFW48S5-3000 DC/DC Converter
DB12S15-12 2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
DCHBA2 2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
AM503-303N 1 Watt Surface Mount DC/DC Converter Single Output

  1 2 3 4 5 6 7 8 9 10