Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONNECTORS Fiches techniques, Datasheet

Description trouvée : 'Connectors' - Totale: 491 (1/25) Page
FabricantNo de pièceVoirDescription

Lumberg
3852 Multimodul connectors, pitch 2.5 mm
150110 Jack connectors
3114_18 Minimodul connectors, pitch 2.5 mm
KLS3 Jack connectors
3521-2_18 RAST 2.5 connectors, pitch 2.5/5.0 mm
0363_18 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
KLBP3 Jack connectors
3542-1_18 RAST 2.5 connectors, pitch 2.5/5.0 mm
0321_18 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0308_18 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
KLBR4 Jack connectors
3512-1_18 RAST 2.5 connectors, pitch 2.5/5.0 mm
0305-1 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
241006 USB and IEEE 1394 connectors
5RFL Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
150321 Jack connectors
3643V167 RAST 5 connectors, pitch 5.0 mm
3615-2 RAST 5 connectors, pitch 5.0 mm
167301 Power supply connectors
MICALD Micromodul connectors, pitch 1.27 mm

  1 2 3 4 5 6 7 8 9 10