Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONNECTORS Fiches techniques, Datasheet

Description trouvée : 'Connectors' - Totale: 288 (1/15) Page
FabricantNo de pièceVoirDescription

Hirose Electric
3210-152SE1 Interface Connectors with 0.8mm spacing Docking Connectors
PO73-P-3CT RFCO-AXIAL CONNECTORS(COAXIAL CONNECTORS for use with HRPI)
NF-WR-3 RFCO-AXIAL CONNECTORS(C15 type connectors for satellite broadcasting)
MRF1.6-P-3C RFCO-AXIAL CONNECTORS(MODEL IEC169-13 1.6/5.6 COAXIAL CONNECTORS)
MXR-8PA-3PB MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PB_1 MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
1.85MM 1.85mm coaxial connectors based on IEC Specifications
DF52 0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
HR30-6PA-6SC Miniature Waterproof Plastic Connectors
RP17 Small-sized, plastic type, push-pull lock connectors
PL71 75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
MP2.5CP RFCO-AXIAL CONNECTORS
FH30 0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
TM3R-66 MODULAR CONNECTORS
MQ172X-3PA_1 Micro-Miniature Interface Connectors For Power Supply/Signaling
TM11R-5M2-88-LP Subminiature, LAN Modular Jack Connectors
FH42 0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
QR-P18 Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
FH41 0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
TM21R-5C-88-LP Modular Jack Connectors for High-Speed LAN Transmission

  1 2 3 4 5 6 7 8 9 10