Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CYCLE Fiches techniques, Datasheet

Description trouvée : 'CYCLE' - Totale: 412 (1/21) Page
FabricantNo de pièceVoirDescription

International Rectifier
IR1153S_15 Cycle by cycle peak current limit

Molex Electronics Ltd.
46018-1541 Mini-Fit® Plus HMC (High Mating Cycle) Female Crimp Terminal, 18-20 AWG, Reel, Select Gold (Au) Plating with Proprietary Molex Advanced Contact Surface Finish (CSF) in Contact Area

Integrated Silicon Solu...
IS61VPD51236A 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM

Bi technologies
P232 24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant

Cypress Semiconductor
CY7C1561V18 72-Mbit QDR™-II+ SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)

Molex Electronics Ltd.
0460183541 Mini-Fit Plus HMC (High Mating Cycle) Female Crimp Terminal, 16 AWG, Reel,Select Gold (Au) Plating with Proprietary Molex Advanced Contact Surface Finish (CSF) in Contact Area

International Rectifier
IR2086S HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER

OptoSupply Internationa...
OSY5MS3131A_11 3mm Round Flashing Phoenix Yellow LED 1.8Hz 1/2 Duty Cycle

Maxim Integrated Produc...
MAX1776 24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter

Integrated Silicon Solu...
IS61LPS51218A_12 256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61C256 WRITE CYCLE SWITCHING CHARACTERISTICS

Winbond
W9412G6JH-5 Double Data Rate architecture; two data transfers per clock cycle

Cypress Semiconductor
CY7C1261V18 36-Mbit QDR™-II+ SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2644KV18 144-Mbit QDR® II+ SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT

Integrated Device Techn...
IDT71V2577S 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect

Cypress Semiconductor
CY7C1563XV18_12 72-Mbit QDR® II+ Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C21701KV18 18-Mbit DDR II+ SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT

Tyco Electronics
SRC Specification Grade Repeat Cycle

Hotchip Technology Co.,...
UC3842 Trimmed Oscillator Discharge Current for Precise Duty Cycle Control

OptoSupply Internationa...
OSB5SS3131A_11 3mm Round Flashing Super Blue LED 1.8Hz 1/2 Duty Cycle

  1 2 3 4 5 6 7 8 9 10