Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CORD Fiches techniques, Datasheet

Description trouvée : 'CORD' - Totale: 1945 (1/98) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
1300910057 Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
1300900008 Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with
1300910087 Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m (35.0) Cord Length with 15A Connector
1300910201 Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
130180-0163 3/8 Cord Grip Grommet, F1 Body Size 7.92-9.53mm (.312-.375) Cord Diameter, Gray
130180-0404 1/2 Cord Grip Grommet, F2 Body Size 11.10-12.70mm (.437-.500) Cord Diameter
1301800285 1 Cord Grip Grommet, F4 Body Size 25.40-28.58mm (1.000-1.125) Cord Diameter
130180-0408 3/4 Cord Grip Grommet, F3 Body Size 6.35-9.53mm (.250-.375) Cord Diameter, Gray
1301800392 1/2 Cord Grip Grommet, F2 Body Size 5.54-10.69mm (.218 by .421) Oval Cord
1301800395 3/4 Cord Grip Grommet, F3 Body Size; 5.54-10.69mm (.218 by .421) Oval Cord
130180-0406 3/4 Cord Grip Grommet, F3 Body Size 17.45-20.62mm (.687-.812) Cord Diameter,Yellow
130180-0319 1/2 Cord Grip Grommet, F2 Body Size 2, 3, 4, 5, 6, or 7 holes 4.75mm (.187) Cord Diameter
130180-0337 1/4 Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265) Cord Diameter,Green
130180-0311 1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter, Green
130180-0317 1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
130180-0335 1/4 Cord Grip Grommet, F0 Body Size 1.91-3.43mm (.075-.135) Cord Diameter, Black
130180-0312 1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter,Gray
1300910025 Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
1301800407 3/4 Cord Grip Grommet, F3 Body Size 4.75-6.35mm (.187-.250) Cord Diameter
1300910094 Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m

  1 2 3 4 5 6 7 8 9 10