Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



COPPER Fiches techniques, Datasheet

Description trouvée : 'COPPER' - Totale: 1607 (1/81) Pages
FabricantNo de pièceVoirDescription

General Cable Technolog...
C50254101 C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid

List of Unclassifed Man...
1804A 28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield

PANDUIT CORP.
LCD10-10A-L Copper Compression Lugs For Terminating 14 – 10 AWG Copper Conductors

List of Unclassifed Man...
9222 RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields

General Cable Technolog...
C35004186 C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, +95% Bare Copper Braid

List of Unclassifed Man...
543945 20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.

General Cable Technolog...
C35194102 C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid

List of Unclassifed Man...
RR-212X-20PM-R1 High performance Copper heatpipes with a fusion bonded copper powder wick.
1192A 24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1505F 22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
1348422 Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield

Molex Electronics Ltd.
0502247212 Ring Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6(M3.5), Oxygen-Free Copper, Length 14.40mm (.567

List of Unclassifed Man...
5400FE 20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil® shield tape (foil side out) with drain wire

Molex Electronics Ltd.
45750-1112 Mini-Fit® Plus HCS Crimp Terminal 45750, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
0193173027 VersaKrimp™ SL Ring Type Connectors, Tin Plated Copper, Wire Size350MCM-450MCM, 1" Stud Size

List of Unclassifed Man...
1345945 18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation

RMT Ltd.
1MDL06-031-03 Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper

Delta Electronics, Inc.
LCP-1250RJ3SR RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet

E-SWITCH
34-ST163D00 silver plated Copper

RMT Ltd.
1MC04-028-05_12 Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper