Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONTACTS Fiches techniques, Datasheet

Description trouvée : 'CONTACTS' - Totale: 28 (1/2) Page
FabricantNo de pièceVoirDescription

TE Connectivity Ltd
OMI n Meet 5000V dielectric voltage between coil and contacts
PCB-PB Environmentally-friendly cadmium-free contacts
V23005 Contacts for signal loads and currents up to 5A
SR2 2 pole relay with force guided contacts according to EN50205
H-14 n Double pole, double throw contacts
SR6D 4 pole relay with force guided contacts according to EN 50205
411-18235 This ERGOCRIMP Die is suitable to crimp the following crimp contacts
EV200 KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500+ Amps, 12-900 Vdc
114-18022 ALLGEMEINE RICHTLINIEN ZUR VERARBEITUNG VON KONTAKTEN MIT OFFENEN CRIMPHÜLSEN GENERAL GUIDELINES FOR APPLICATION OF CONTACTS WITH OPEN CRIMP BARRELS
SR6Z 6 pole relay with force guided contacts according to EN50205
411-18239 This ERGOCRIMP Die is suitable to crimp the following crimp contacts
411-18265 This ERGOCRIMP Die is suitable to crimp the following crimp contacts
SR2M 2 pole relay with force guided contacts according to EN 50205
SR2-Z 2 pole relay with force guided contacts according to EN50205
SR6-A 6 pole relay with force guided contacts according to EN 50205
RPII-2 2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
SR6-Z 6 pole relay with force guided contacts according to EN50205
T81 Au clad contacts in a 1 Form C (CO) arrangement
411-18231 This ERGOCRIMP Die is suitable to crimp the following crimp contacts
114-1008 Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts

  1 2