Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CONTACT Fiches techniques, Datasheet

Description trouvée : 'CONTACT' - Totale: 4480 (1/224) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1423646 Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm² ... 1 mm² AWG 22 ... 18
RIF-0-RSC-12DC Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RSC-24DC Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-1-RSC-LDP-12DC Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket. Contact type: 1 changeover contact. Input voltage: 12 V DC
RIF-0-RPT-12DC Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RPT-24DC Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC

Tyco Electronics
2-1437392-3 CONTACT SECTION AND TUBULAR CONTACT ASSY. MIN TERM BLOCK

PHOENIX CONTACT
REL-SG220 KAMMRELAIS ®, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 220 V DC
REL-SW120 KAMMRELAIS ®, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 120 V AC

Molex Electronics Ltd.
0545500971 0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 9 Circuits, Gold (Au) Contact Plating

PHOENIX CONTACT
REL-F104 KAMMRELAIS ®, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 24 V DC

Molex Electronics Ltd.
0545501171 0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT, ZIF, Top Contact Style, 11 Circuits, Gold (Au) Contact Plating
0524372471 0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 24 Circuits, Gold Contact Plating
0545501871 0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 18 Circuits, Gold (Au) Contact Plating

Fujitsu Component Limit...
FTR-C2_10 SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap

Molex Electronics Ltd.
0522710769 1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 7 Circuits, Lead-free, Gold Contact Plating, High BarrierPackaging

Mill-Max Mfg. Corp.
0496-0-15-15-23-27-10-0 PIN RECEPTACLES for .048” - .064” diameter pins (#13 contact) and .045” - .065” diameter pins (#23 contact)

PHOENIX CONTACT
1663352 Turned 1.6 crimp contact, individual male contact

Pasternack Enterprises,...
PE1002-1 Field Replacable Tab Contact 0.02 Contact Diameter And .005 x .020 Tab

Siemens Semiconductor G...
3SB3400-0B ACTUATOR-/INDICATOR COMPONENT CONTACT BLOCK WITH 1 CONTACT ELEMENT SCREW TERMINAL, 1NO