Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CONSISTING Fiches techniques, Datasheet

Description trouvée : 'CONSISTING' - Totale: 124 (1/7) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
PLC-RPT-72UC PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40°C to +70°C, 1 PDT, input voltage 72 V DC
2750675 INTERBUS-ST digital input module, 32 inputs, 24 V DC, 2-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
PLC-RPIT-120UC PLC sensor relay, consisting of PLC-BPIT...SEN basic terminal block with Push-In connection and pluggable miniature relay with multilayer contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 120 V AC / 110 V DC
PLC-OPIT-120UC PLC interface, consisting of PLC-BPIT basic terminal block with Push- In connection and pluggable miniature optocoupler, for assembly on DIN rail NS 35/7.5, input: 120 V AC/ 110 V DC, output: 3-48 V DC/100 mA
PLC-RPT-110UC PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40°C to +70°C, 1 PDT, input voltage 110 V DC
2750769 INTERBUS-ST bus terminal module, 24 V DC, 9-pos., D-SUB with additional remote bus stub line, 9-pos. D-SUB, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
2959780 Profile housing and board base, 10 mm wide module, consisting of two side elements
2947268 Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2940045 Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
PLC-RPT-120UC PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
2203165 Handheld housing, C-Maxi, light gray, front level closed, consisting of two half shells with screws
SZ-SORTI-2 Screwdriver range, consisting of the three small screwdrivers
RIF-3-RPT-LDP-24DC Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
PLC-RPT-230UC PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
RIF-2-RSC-LDP-24DC Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-1-RSC-LDP-24DC Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
RIF-3-RPT-LV-120AC Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.

Samsung semiconductor
KS2206B The KA2206B is a monolithic intergrated dircuit consisting of a 2-channel power amplifier.

PHOENIX CONTACT
PLC-RPIT-230UC PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 230 V AC/220 V DC
2754927 INTERBUS-ST digital input module, 32 inputs, 24 V DC, 2-wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics

1 2 3 4 5 6 7 Next