Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONNECTING Fiches techniques, Datasheet

Description trouvée : 'CONNECTING' - Totale: 139 (1/7) Page
FabricantNo de pièceVoirDescription

Emerson Network Power
HPR12K-00 Connecting the input power cable, output load cable and communication wire according to the below figure.

Renesas Technology Corp
M3T-FLX-80QSB Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.65mm-pitch QFP

Rohm
DTA114ESATP Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors

PHOENIX CONTACT
2321350 Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No.

Renesas Technology Corp
M3062PT-80FPB Converter Board for Connecting 160-core Flexible Board FLX160 to 80-pin 0.65mm-pitch QFP (for M16C/60 Series)

Ralston Instruments.
QSQS-HOS-8FT Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test

Renesas Technology Corp
M3T-32LCC-A Converter for Connecting Emulator Probe to RFS Type Emulator MCU(for PC4701 system/option)
PCA4688A Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC

Ralston Instruments.
QSQS-HOS-3FT_14 Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test

PHOENIX CONTACT
2700196 Inline CAN master, for connecting a CAN bus system, complete with accessories (connector and marking field)

Renesas Technology Corp
M3T-100LCC-QSD Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP

STMicroelectronics
AN2099 Guidelines for connecting via JTAG protocol to the STR71x microcontroller

PHOENIX CONTACT
8355 Inline CAN master, extreme conditions version, for connecting a CAN bus system
2741341 Cinch connecting cable, for addressing FLX ASI M12 devices

Renesas Technology Corp
PCA4913 Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP

PHOENIX CONTACT
2832425 FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction downwards

Renesas Technology Corp
M3T-FLX-120NSE Converter for Connecting 160-core Flexible Board FLX160 to 120-pin 0.4mm-pitch LQFP
M3T-FLX-64NSA Converter for Connecting 100-core Flexible Board FLX100 to 64-pin 0.8mm-pitch QFP/LQFP

Weidmuller
0266700000 Modular terminal, accessories, Connecting sleeve

PHOENIX CONTACT
2314671 Four 14-pos. connectors on the module side for connecting four 8-channel VARIOFACE modules of the system cabling

  1 2 3 4 5 6 7