Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CONNECTED Fiches techniques, Datasheet

Description trouvée : 'CONNECTED' - Totale: 92 (1/5) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2322485 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 3 m
2322498 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 4 m
2322508 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 5 m
2321800 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 2 m
2322443 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 0.5m
2322456 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 1 m

Varitronix internationa...
VI-422 REMARK : N.C NO CONNECTION THE SAME COMMON SHOULD BE CONNECTED TOGETHER ON PCB.

Freescale Semiconductor...
TWR-PXN20 32-bit Dual-Core Power Architecture® MCU for Connected Performance

Analog Devices
CN0357 Devices Connected

PHOENIX CONTACT
2810269 Floating contacts and contacts with resistance circuit can be connected

NXP Semiconductors
PNX1502E Connected Media Processor

PHOENIX CONTACT
2302722 VARIOFACE front adapter, for SIMATIC S7-300 analog I/O cards, 2 x 8 channels can be connected.

OSRAM GmbH
SFH-4851 Anode is electrically connected to the case

Skyworks Solutions Inc.
SMP1331-085LF 50 W Surface Mount Shunt Connected PIN Diode

Analog Devices
CN0216 Devices Connected

Nel Frequency Controls,...
SC-D1420_10 quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems

Motorola, Inc
MC3346 GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS

Siemens Semiconductor G...
BAV99S Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)

Nel Frequency Controls,...
SC-C1440_10 of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems

Varitronix internationa...
VI-401 REMARKS : SAME COMMON SHOULD BE CONNECTED TOGHTHER ON P,C,B.N.C =NO CONNECTION

1 2 3 4 5 Next


1 2 3 4 5 Next