Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONDITIONS Fiches techniques, Datasheet

Description trouvée : 'CONDITIONS' - Totale: 113 (1/6) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2731827 INTERBUS Ruggedline modules are provided for harsh ambient conditions or in the case of high requirements regarding system diagnostics.

Schurter Inc.
1658_18 IEC Connector C21, for very hot conditions 155°C, Rewireable, Straight

Wurth Elektronik GmbH &...
744761039C Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently

AVAGO TECHNOLOGIES LIMI...
APDS-9120 Operational in sunlight conditions

ECS, Inc.
ECS-250-20-33-TR OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS

Schurter Inc.
1681_1810 IEC Appliance Inlet C22, for very hot conditions 155°C, Screw-on or Snap-in Mounting, Front Side

Wurth Elektronik GmbH &...
744761156C Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently

PHOENIX CONTACT
2724847 INTERBUS Ruggedline modules are provided for harsh ambient conditions or in the case of high requirements regarding system diagnostics.

ECS, Inc.
ECS-400-20-3X-EN-TR OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS

PHOENIX CONTACT
8355 Inline CAN master, extreme conditions version, for connecting a CAN bus system

Wurth Elektronik GmbH &...
744761168C Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently

ECS, Inc.
ECS-250-20-30B-DU OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS

Rohm
DTC144VKAT146 Only the on/off conditions need to be set for operation, making the circuit design easy.

PHOENIX CONTACT
8359 Inline analog output terminal, version for extreme conditions, 8 outputs
2702131 EtherNet/IP™ bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors

Vectron International, ...
QF7-004-0280-06 Air reflow temperature conditions average ramp-up rate (30C to 217C)

Texas Instruments
LM2596T-5.0 Adjustable Version Output Voltage Range, 1.2V to 37V ±4% Max Over Line and Load Conditions

PHOENIX CONTACT
8360 Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method

ECS, Inc.
ECS-240-18-23A-EN-TR OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS

Vectron International, ...
QF7-006-0280-06 Air reflow temperature conditions average ramp-up rate (30C to 217C)

  1 2 3 4 5 6