Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

COMPARATORS Fiches techniques, Datasheet

Description trouvée : 'COMPARATORS' - Totale: 675 (1/34) Page
FabricantNo de pièceVoirDescription

Texas Instruments
LM139-N The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
LM193-N The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.

National Semiconductor ...
LM2901EP Low Power Low Offset Voltage Quad Comparators

Motorola, Inc
SN54LS682 8-BIT MAGNITUDE COMPARATORS

Rohm
BA10393F_10 Comparators : Ground Sense

NEC
UPC311 PRECISION VOLTAGE COMPARATORS

ON Semiconductor
NCS2200_10 Low Voltage Comparators

NEC
UPC319 HIGH SPEED DUAL COMPARATORS

Maxim Integrated Produc...
MAX9060_10 Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23

NEC
UPC393 LOW POWER DUAL COMPARATORS

Maxim Integrated Produc...
MAX9117_07 SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference

National Semiconductor ...
54LS85 4-Bit Magnitude Comparators

Maxim Integrated Produc...
MAX9100_07 +1.0V Micropower SOT23 Comparators

National Semiconductor ...
COP87L84BC 8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface

Holtek Semiconductor In...
HT45F23 8-Bit Flash MCU with Op Amps & Comparators

STMicroelectronics
TS3V3704 3V MICROPOWER QUAD VOLTAGE COMPARATORS

Leshan Radio Company
LR393 Dual Differential Comparators 5.0nA; Low input offset voltage: 5.0mV

System Logic Semiconduc...
SL393 Low Power Low Offset Voltage Dual Comparators

IK Semicon Co., Ltd
IL2903_11 Low Power Low Offset Voltage Dual Comparators

Maxim Integrated Produc...
MAX917 SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference

  1 2 3 4 5 6 7 8 9 10