Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CML Fiches techniques, Datasheet

Description trouvée : 'CML' - Totale: 212 (1/11) Pages
FabricantNo de pièceVoirDescription

Cypress Semiconductor
CY2DM1502 1:2 CML / LVPECL Input to CML Output Fanout Buffer

Micrel Semiconductor
SY88953L 3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD

ON Semiconductor
NB4N840M_07 3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
NB4L16MMNEVB 2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination

Micrel Semiconductor
SY58052AU Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58028U_0708 ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY54023AR Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY58040U ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION

Pericom Semiconductor C...
NX36SB 2.5V/3.3V CML FS XO

Micrel Semiconductor
SY58031 CML & LVPECL Fanout Buffer
SY56023R_12 Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY58031U_10 ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION

National Semiconductor ...
DS25MB200_08 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization

ON Semiconductor
NB7N017M_06 3.3V SiGe 8−Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs

Micrel Semiconductor
SY58620L_10 Precision 4.25Gbps CML Backplane
SY88973BL_10 3.3V 3.2Gbps CML Low Power Limiting Post

ON Semiconductor
NB7VPQ16M 1.8V/2.5V CML 12.5 Gbps Programmable Pre-Emphasis Copper/Cable Driver with Selectable Equalizer Receiver

Micrel Semiconductor
SY54020AR Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY58020U_07 6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION

ON Semiconductor
NBSG16M 2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer