Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CLASS Fiches techniques, Datasheet

Description trouvée : 'CLASS' - Totale: 4643 (1/233) Page
FabricantNo de pièceVoirDescription

Vishay Siliconix
ASERIES Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
K103K10X7RF5UH5 Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
A103K15X7RF5TAA Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
D15020U2JH6 Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
A102J15C0GF5TAA Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
D152K29Y5PL6TJ5R Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
A223K15X7RF5TAA Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
WKP681MCPQG0KR AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC

Texas Instruments
LM49153_15 Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection

Elektron Components Ltd...
PX0599 EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition

Vishay Siliconix
VY1151K31Y5SQ6UV0 AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKO222MCPCRAKR AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
VY2 AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC,VY2 Series

Elektron Components Ltd...
PX0716 EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion

Vishay Siliconix
VY2222M35Y5US63V0 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

M/A-COM Technology Solu...
MRF1000MB_15 Class A, Class AB Microwave Power Silicon NPN Transistor

Vishay Siliconix
VY1471M31Y5UQ63V0 AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP392MCPEJ0KR AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY2222M35Y5UG63V7 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

Maxim Integrated Produc...
MAX97000 Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier

  1 2 3 4 5 6 7 8 9 10